Part Number Hot Search : 
CSD2425 A1S109 CLL131 ZTB389D ML22Q394 ZR35230 UNR2117 SC312
Product Description
Full Text Search
 

To Download B32340C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Capacitors Power Factor Correction
B32340C
Construction Dielectric: Polypropylene film Non PCB, biodegradable soft resin Extruded round aluminum can with stud Provided with discharge resistors Features Single phase Naturally air cooled or forced air cooling Indoor mounting Typical applications PFC and detuned systems Terminals Fast-on terminals Mounting parts Threaded stud at bottom of can Max. torque = 10 Nm for M12 (O 63.5 mm)
FK PM PFC Page 1 of 6
December 2004
Power Capacitors Power Factor Correction
B32340C
Technical data and specifications
Standard Rated capacitance CN & QR Tolerance (%) Rated voltage UR Rated frequency fR Mean life expectancy Maximum ratings Maximum permissible overvoltage Umax UR + 10% (up to 8 h daily) UR + 15% (up to 30 min daily), UR + 20% (up to 5 min daily) UR + 30% (up to 1 min daily) 1.5 x IR (IR: rated current), including combined effects of harmonics, overvoltages and capacitance Max. 5 000 switchings per year according IEC 831 Up to 200 x IR < 0.2 W/kvar < 0.45 W/kvar 2.15 x UR , 10 s 3 000 VAC, 10 s -25/D Max. temp. 55 C Max. mean 24 h = 45 C Max. mean 1 year = 35 C Safety Self-healing technology, overpressure disconnector, maximum allowed fault current 10 000 A in accordance with UL 810-standard Aluminum/cylindrical IP00, IP20, optionally IP54 95% 4 000 m above sea level Upright Threaded M12 (10 Nm / O 63.5mm) IEC 831-1+2, IS: 13340/41 UL 810 5th edition, cUL file E106388 According to dimensions table -5 / +10 According to dimensions table 50/60 Hz Up to 100 000 operating hours
Maximum permissible overcurrent Imax Number of switching operations Transient inrush current (max) IS Losses: Dielectric Total Test voltage, terminal/terminal UTT Test voltage, terminal/case UTC Temperature class
Case/shape Enclosure Permissible maximum humidity Maximum permissible altitude Mounting position Mounting and grounding
FK PM PFC Page 2 of 6
December 2004
Power Capacitors Power Factor Correction
B32340C
Dimensional drawing
FAST-ON Terminal 6,35 x 0,8
13
Creepage distance Clearance Diameter (o)
Marking
10.0 mm 16.5 mm 63.5 mm max. 12 mm
Expansion to l 2 +
Expansion Mounting
M12 Toothed washer DIN6797
Hex nut DIN439
16
l 2
M12 Torque Toothed washer Hex nut T=10 Nm J12.5 DIN 6797 BM12 DIN 439
d 1
KLK1669-Y
FK PM PFC Page 3 of 6
December 2004
Power Capacitors Power Factor Correction
Rated voltage: 230 VAC, 50 / 60 Hz
Type 50 Hz Output kvar MKP230-I-0.8 MKP230-I-1.7 MKP230-I-2.5 0.8 1.7 2.5 IR A 3.6 7.2 10.9 60 Hz Output kvar 1.0 2.0 3.0 IR A 4.3 8.7 13.1 CN F 50 100 150 dxh mm 63.5 x 105 63.5 x 142 63.5 x 142 Weight
B32340C
Ordering code kg 0.30 0.40 0.50 B32340C2002A830 B32340C2012A730 B32340C2022A530
Rated voltage: 400 VAC, 50 / 60 Hz
Type 50 Hz Output kvar MKP400-I-0.8 MKP400-I-1.7 MKP400-I-2.5 MKP400-I-3.3 MKP400-I-4.2 MKP400-I-5.0 0.8 1.7 2.5 3.3 4.2 5.0 IR A 2.0 4.2 6.3 8.4 10.4 12.4 60 Hz Output kvar 1.0 2.0 3.0 4.0 5.0 6.0 IR A 2.3 5.0 7.5 10.0 12.5 15.0 CN F 15 33 50 66 83 99 dxh mm 63.5 x 68 63.5 x 68 63.5 x 105 63.5 x 105 63.5 x 142 63.5 x 142 Weight Ordering code kg 0.30 0.30 0.40 0.40 0.40 0.50 B32340C4001A880 B32340C4012A700 B32340C4022A500 B32340C4032A300 B32340C4051A000 B32340C4052A000
Rated voltage: 415 VAC, 50 / 60 Hz
Type 50 Hz Output kvar MKP415-I-0.8 MKP415-I-1.7 MKP415-I-2.5 MKP415-I-3.3 MKP415-I-5.0 0.8 1.7 2.5 3.3 5.0 IR A 2.0 4.0 6.0 8.0 12.0 60 Hz Output kvar 1.0 2.0 3.0 4.0 6.0 IR A 2.4 4.8 7.2 9.7 14.4 CN F 15 31 46 62 91 dxh mm 63.5 x 68 63.5 x 105 63.5 x 142 63.5 x 142 63.5 x 142 Weight Ordering code kg 0.35 0.45 0.50 0.50 0.60 B32340C4002A810 B32340C4012A710 B32340C4022A510 B32340C4032A310 B32340C4052A010
Rated voltage: 440 VAC, 50 / 60 Hz
Type 50 Hz Output kvar MKP440-I-0.7 MKP440-I-1.4 MKP440-I-2.1 MKP440-I-2.8 MKP440-I-3.3 MKP440-I-4.2 MKP440-I-5.0 0.7 1.4 2.1 2.8 3.3 4.2 5.0 IR A 1.6 3.2 4.7 6.4 7.6 9.5 11.4 60 Hz Output kvar 0.8 1.7 2.5 3.3 4.0 5.0 6.0 IR A 1.9 3.8 5.7 7.6 9.1 11.4 13.6 CN F 11 23 34 46 55 68 82 dxh mm 63.5 x 68 63.5 x 68 63.5 x 105 63.5 x 105 63.5 x 142 63.5 x 142 63.5 x 142 Weight Ordering code kg 0.30 0.30 0.40 0.40 0.50 0.50 0.60 B32340C4001A840 B32340C4011A740 B32340C4021A540 B32340C4031A340 B32340C4032A340 B32340C4051A040 B32340C4052A040
Rated voltage: 480 VAC, 50 / 60 Hz
Type 50 Hz Output kvar MKP480-I-0.7 MKP480-I-1.4 MKP480-I-2.1 MKP480-I-2.8 0.7 1.4 2.1 2.8 IR A 1.5 2.9 4.3 5.8 60 Hz Output kvar 0.8 1.7 2.5 3.3 IR A 1.7 3.5 5.2 6.9 CN F 10 19 29 38 dxh mm 63.5 x 105 63.5 x 105 63.5 x 105 63.5 x 142 Weight kg 0.30 0.30 0.50 0.50 B32340C4001A880 B32340C4011A780 B32340C4021A580 B32340C4031A380 Ordering code
FK PM PFC Page 4 of 6
December 2004
Power Capacitors Power Factor Correction
Rated voltage: 525 VAC, 50 / 60 Hz
Type 50 Hz Output kvar MKP525-I-1.4 MKP525-I-2.8 MKP525-I-3.3 MKP525-I-4.2 1.4 2.8 3.3 4.2 IR A 2.6 5.2 6.3 8.0 60 Hz Output kvar 1.7 3.3 4.0 5.0 IR A 3.1 6.2 7.6 9.5 CN F 15 31 38 48 dxh mm 63.5 x 105 63.5 x 142 63.5 x 142 63.5 x 142 Weight
B32340C
Ordering code kg 0.30 0.50 0.60 0.70 B32340C5011A720 B32340C5031A320 B32340C5032A320 B32340C5051A020
FK PM PFC Page 5 of 6
December 2004
Power Capacitors Power Factor Correction
B32340C
Cautions
Discharge and short circuit capacitor before handling! Mechanical damage In case of dents of more than 0.5 mm or any other mechanical damage, capacitors must not be used at all. Vibration resistance The resistance to vibration of capacitors corresponds to IEC 68, part 2-6. Max. test conditions: Test duration 2 h corresponding to max. 0.7 g Frequency range 10 ... 55 Hz corresponding to max. 0.7 g Displacement amplitude 0.75 mm corresponding to max. 0.7 g These figures apply to the capacitor alone. Because the fixing and the terminals may influence the vibration properties, it is necessary to check stability when a capacitor is built in and exposed to vibration. Irrespective of this, you are advised not to locate capacitors where vibration amplitude reaches the maximum in strongly vibrating equipment. Connection Make sure connection cables are of flexible type or flexible copper bands are used. This is mandatory to allow the overpressure disconnector work and avoid mechanical stress on the terminals and feed throughs. The connection cables to the capacitor should be designed for a current of at least 1.5 times the rated current so that no heat is conducted into the capacitor. If reactors are used in an application, the distance between reactor and capacitor must be great enough so that no heat of the reactors, which are operating at a much higher temperature level, is conducted via connection cable to the capacitors. Avoid bending cable lugs, cables or other mechanical force on the terminals. Otherwise leakages may set the safety device out of operation. Ensure firm fixing of terminals, fixing torque to be applied as per individual specification. Maximum specified terminal current (please refer to technical data of specific series) must not be exceeded at any case. Grounding The threaded bottom stud of the capacitor has to be used for grounding. In case grounding is done via metal chassis that the capacitor is mounted to, the layer of varnish beneath the washer and nut should be removed. Storage and operating conditions Do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas, acid, alkali, salt or the like are present. In dusty environments regular maintenance and cleaning especially of the terminals is required to avoid conductive path between phases and/or phases and ground.
U Please read information about PFC capacitors and cautions as well as installation and maintenance instructions (Power Factor Correction Product Profile, actual version) to ensure optimum performance and prevent products from failing, and in worst case, bursting and fire, etc. Information given in the PFC-product profile and values given in the data sheet reflect typical specifications. You are kindly requested to approve our product specifications or request our approval for your specification before ordering.
EPCOS AG 2004. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
FK PM PFC Page 6 of 6
December 2004


▲Up To Search▲   

 
Price & Availability of B32340C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X